Part Number Hot Search : 
00K6T TLP199D A2100 LNC802PS XF0899P JT75V MD29F S1J22
Product Description
Full Text Search
 

To Download E3JK-R2M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Built-in power supply photoelectric sensor
E3JK
Pre-wired type/E3JK
Wide range voltage power supply
Slim body full of functions and economically available
Sensor type
Shape
Connection method
Sensing distance
Output form
Output
Model E3JK-5M1 E3JK-5M2 NPN: E3JK-5S3 E3JK-R2M1 E3JK-R2M2 E3JK-R2S3 E3JK-R2R3 E3JK-R4M1 E3JK-R4M2 E3JK-R4S3 E3JK-DS30M1 E3JK-DS30M2 E3JK-DS30S3
Through-beam
5m
Retroreflective model (with M.S.R. function) Retroreflective model (without M.S.R. function)
*
2.5m (3m)
Pre-wired models
*
4m (5m)
Diffuse-reflective
300mm
Light ON Relay output Dark ON Light ON/ Dark ON DC transistor output (selectable) Light ON Relay output Dark ON Light ON/Dark ON DC transistor NPN (selectable) output PNP Light ON Relay output Dark ON Light ON/Dark ON DC transistor output (selectable) (NPN) Light ON Relay output Dark ON Light ON/Dark ON DC transistor output (selectable) (NPN)
* The value within the parentheses indicates the sensing distance applied when the E39-R2 reflector is used. Note: The UL-listed model ends with "-US". (Example: E3JK-5M1-US). Note that the DC transistor type of the E3JK is UL-unlisted.
Accessories (Order Separately)
Slits
Slit width Sensing distance 0.7 m Minimum sensing object (typical) 1 mm dia. Model E39-S39 Quantity 1 pc. each for emitter and receiver (total 2 pcs.) Remarks (Seal type long slit) Can be used with the throughbeam model E3JK-5##.
Width 1 mmx20 mm E3JK-5##
A-218
Photoelectric Sensors
Reflectors
Name Sensing distance (typical) E3JK-R2## 2.5 m (rated value) E3JK-R4## 4 m (rated value) E3JK-R2## 3m E3JK-R4## 5m E3JK-R2## 1 m (5 mm) * E3JK-R2## 750 mm (200 mm) * E3JK-R2## 1.2 m (200 mm) * E3JK-R2## 1.5 m (200 mm) * Model E39-R1 E39-R2 E39-R3 E39-RS1 E39-RS2 E39-RS3 Quantity 1 1 1 1 Remarks
E3JK
Reflectors
Attached to the E3JK-R2##. Attached to the E3JK-R4##. ----The M.S.R. function is available.
Small reflector Tape Reflector
* Values in parentheses indicate the minimum required distance between the sensor and reflector. Note: When the reflector used is other than the supplied one, set the sensing distance to about 0.7 times of the typical example as a guideline.
Mounting Brackets
Shape Model Quantity Remarks
E39-L40
1
Supplied with E3JK
Note: If a through-beam model is used, order two Mounting Brackets for the emitter and receiver respectively.
E3JK
A-219
Rating/Performance
E3JK
Sensor type Item Model Through-beam E3JK-5M# 5m Opaque 14.8 dia. min. E3JK-5S3 Retroflective model (with M.S.R. function) E3JK-R2M# E3JK-R2#3 2.5 m (When using the E39-R1) Opaque: 75 mm dia. min. --Both emitter and receiver: 3C to 20C Infrared LED (950 nm) 1 to 5 Red LED (660 nm) Retroflective model (without M.S.R. function) E3JK-R4M# 4m (When using the E39-R1) Diffuse-reflective
E3JK-R4S3 E3JK-DS30M# E3JK-DS30S3 300 mm (White paper 100x100 mm) --20% max. of sensing distance --Infrared LED (950 nm)
Sensing distance Standard sensing object Differential distance Directional angle Light source (wave length) Power supply voltage Current consumption DC AC
12 to 240 VDC 10% ripple (p-p) : 10% max. 24 to 240 VAC 10% 50/60 Hz 3 W max. 3 W max. 2 W max. 2 W max. DC SSR Negative or positive Relay common output: 48 VDC 250VAC 100 mA max. 3 A (cosj=1) Leak current max., 5 VDC 0.1 mA max. 10 mA min. With load short-circuit protection
Control output
Relay output: 250VAC 3 A (cosj=1) max., 5 VDC 10 mA min.
DC SSR Negative common Relay 48 VDC output: 100 mA max. 250VAC Leak current 3 A (cosj=1) 0.1 mA max. max., 5 VDC With load 10 mA min. short-circuit protection
DC SSR Negative common Relay 48 VDC output: 100 mA max. 250VAC Leak current 3 A (cosj=1) 0.1 mA max. max., 5 VDC With load 10 mA min. short-circuit protection
DC SSR Negative common 48 VDC 100 mA max. Leak current 0.1 mA max. With load short-circuit protection
Life expectancy (relay output)
Mechanical Electrical
50 million times or more (switching frequency 18,000 times/hour)
100 thousand times or more (switching frequency 18,000 times/hour) 30 ms max. 10 ms max. 30 ms max. 5 ms max. --Incandescent lamp: 3,000 lux max. Operating: -25C to 55C, Storage: -30C to 70C (with no icing or condensation) Operating: 45% to 85%RH, Storage: 35% to 95%RH (with no condensation) 20 M W min. at 500 VDC 30 ms max. 5 ms max. 30 ms max. 5 ms max.
Response time Sensitivity adjustment Ambient illuminance Ambient temperature Ambient humidity Insulation resistance Destruction Malfunction
Single-turn adjustment
Dielectric strength 1,500 VAC at 50/60 Hz for 1 minute Vibration resistance 10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, and Z directions
10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, and Z directions
A-220
Photoelectric Sensors
Sensor type Item Model Destruction Shock resistance
Through-beam E3JK-5M# E3JK-5S3
Retroflective model (with M.S.R. function) E3JK-R2M# E3JK-R2#3
Retroflective model (without M.S.R. function) E3JK-R4M#
Diffuse-reflective
E3JK
E3JK-R4S3 E3JK-DS30M# E3JK-DS30S3
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions Destruction: 100m/s2 (approx. 10G) 3 times each in X, Y, and Z directions
Malfunction
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Destruction: 100m/s2 Destruction: (approx. 500 m/s2 for 10G) 3 times 3 times each each in X, Y, in X, Y and and Z direc Z directions tions
Destruction: 100m/s2 (approx. 10G) 3 times each in X, Y, and Z direc tions
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Destruction: 100m/s2 (approx. 10G) 3 times each in X, Y, and Z direc tions
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Protective structure Connection method Weight (Packed state) Case Material Lens Mounting bracket
IEC60529 IP64 Pre-wired models (standard length: 2 m) Approx. 420 g ABS Acrylics Steel Mounting bracket (with screws), nuts, instruction manual, reflector (retroreflective model only) Approx. 250 g
Accessories
E3JK
A-221
Characteristic data (typical)
Excess Gain Ratio vs. Setting Distance Through-beam model E3JK-5##
Excess gain ratio
1,000 500 300 100 50 30 10 5 3 Operating 1 voltage
Retroreflective Models E3JK-R2## + E39-R1 (supplied reflector)
Excess gain ratio
100 50 30 Reflector: E39-R1
Diffuse-reflective E3JK-DS30##
Excess gain ratio
100 50 30 Sensing object: White paper
10 5 3
10 5 3
Operating voltage 1
Operating 1 voltage
0
1
2
3
4
5
6
7
8
0
1
2
3
4
0
100
200
300
400
500
Setting distance (m)
Setting distance (m)
Setting distance (mm)
E3JK-R4## + E39-R1 (supplied reflector)
Excess gain ratio
100 50 30 Reflector: E39-R1
10 5 3
Operating 1 voltage
0
1
2
3
4
5
Setting distance (m)
A-222
Photoelectric Sensors
Output Circuit Diagram
E3JK Relay output
E3JK
24 to 240 VAC 12 to 240 VDC Brown Power
source Blue (Polarity Optional)
Model E3JK-5M1 E3JK-5M2 E3JK-R2M1 E3JK-R2M2 E3JK-R4M1 E3JK-R4M2 E3JK-DS30M1 E3JK-DS30M2
Timing chart
Output circuit
Incident Light indicator (red) L-ON(Ta) (E3JK-##M1) D-ON(Ta) (E3JK-##M2) Interrupted ON OFF ON OFF ON OFF
Main circuit
Tc Tb Ta
White Black Gray
Contact output
Built-in relay: G6C
DC transistor output
Model Timing chart Output circuit
24 to 240 VAC 12 to 240 VDC Power source
Brown
Incident
E3JK-5S3 E3JK-R2S3 E3JK-R4S3 E3JK-DS30S3
Interrupted Light ON indicator OFF (red) ON L-ON mode OFF ON D-ON mode OFF
Blue
White Drive circuit Main circuit Drive circuit
Black (L-ON) Load
Gray (D-ON) Load
24 to 240 VAC 12 to 240 VDC Brown
Power source (Polarity Optional)
Blue
E3JK-R2R3
Incident Interrupted Light ON indicator OFF (red) ON L-ON mode OFF ON D-ON mode OFF
D/ON
Drive circuit
Load Gray I1
L/ON Main circuit
Drive circuit
Load Black I2 I1 + I2 < 100 mA White
48 VDC max.
Note: The output stage leakage currents are 0.1 mA max., respectively. Note: Connect to brown and blue on the emitter side.
E3JK
A-223
Operation
Adjustment
Item Model Through-beam Retroreflective Models Diffuse-reflective
With sensing object
Without sensing object
Background object
Setting
Operation (A)
(A)
(C)Reset (B) Operation
(A)
(C)
E3JK
Swing the receiver and emitter vertically and/or horizontally and set the adjuster in the center of the range where the indicator of the receiver turns ON.
Like the through-beam model, adMIN MAX MIN MAX MIN MAX just the reflector and emitter/reSensitivity Sensitivity Sensitivity ceiver. Since the directional angle of the emitter/receiver is 1 to 5, ad- (1) If you have a sensing object as shown in the figure, turn the sensitivity adjuster clockwise (increase the sensitivity) until the indicator is turned just the emitter/receiver especially ON, and define this adjuster position as (A). carefully. (2) Remove the sensing object, turn the sensitivity adjuster clockwise until the indicator is turned ON by a background object, and define this position as (B). (3) Turn the sensitivity adjuster counterclockwise (decrease the sensitivity) from (B) until the indicator is turned OFF, and define this position as (C). (4) The position in the middle of (A) and (C) is the optimum position. If the indicator is not turned ON by the background object at the maximum sensitivity, set the adjuster in the middle of (A) and maximum sensitivity. The sensitivity adjuster may be damaged if an excessive force is applied.
Precautions
Correct Use
E3JK Design Power Reset Time The Sensor is ready to detect an object within 200 ms after it is turned ON. If Sensor and load are connected to separate power supplies, ensure to turn ON the Sensor first. Wiring Considerations Connection/Wiring If the DC transistor output type is used, the sum of load currents of L-ON output (NO) and D-ON output (NC) should be within 100 mA. If the sum of load currents exceeds 100 mA, the load short-circuit protection may be activated. (The load short-circuit protection is reset by turning OFF the power of the photoelectric sensor.) Miscellaneous Ambient Conditions (Installation Area) The E3JK will malfunction if installed in the following places. * Places where the E3JK is exposed to a dusty environment. * Places where corrosive gases are produced.
Emitter Receiver
* Places where the E3JK is directly exposed to water, oil, or chemicals.
Emitter Receiver
A-224
Photoelectric Sensors
Dimensions (Unit: mm)
Sensors
E3JK-5##
CAD file E3JK_01
With Mounting Bracket Attached
6-dia., 5-conductor, vinyl-insulated round cable (conductor cross-sectional area: 0.3 mm; insulation diameter: 1.5 mm). Standard length: 2 m. * 3
v
With Mounting Bracket Attached
6-dia., 5-conductor, vinyl-insulated round cable (conductor cross-sectional area: 0.3 mm; insulation diameter: 1.5 mm). Standard length: 2 m. * 3
Sensitivity adjustment volume * 2
40 22
12 6.4 4 9 42 50 40
21 12
6 dia.
40 22
12 6.4 4 9 42 50 40
21 12
6 dia.
Emitter: E3JK-5L Receiver: E3JK-5D##
6.4 18 7 5
Emitter 50
Receiver
6.4 18 7 5
18
( A ) * 1 13.4
18 Indicator *2 13.4 (A)*1 Lens 14.8 dia.
Light indicator Lens
28
Optical axis
40 R56.6
25 40 10
60
50
28 21.5
Optical axis
40 R56.6
60
36.5 10
Mounting Holes
2-M6
Steel
58
* 1. Mounting brackets can be used on the A side (Two, M4 x 20 attached) . * 2. No sensitivity adjustment volume on the retororeflective model.
Mounting Holes
2-M6
Steel
58
42
42
* 1.Mounting brackets can be used on the A side (Two, M4 x 20 attached) . * 2.Emitter: Power indicator Receiver: Light indicator * 3.Emitter includes 2-conductor.
Accessories (Order Separately)
Seal type long slit (for E3JK) E39-S39
14 10.1
20 26.5
Material: Polyester 0.1 mm thick
E3JK
A-225
E3JK
E3JK-R2## E3JK-R4## E3JK-DS30##
CAD file
E3JK_02


▲Up To Search▲   

 
Price & Availability of E3JK-R2M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X